Part Number Hot Search : 
MV3507DG 74HC54 IRLI530N N6068 718VZM PC4004D IRGC2 06300
Product Description
Full Text Search
 

To Download 1022-6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 0.205" (5.21mm) and 0.250" (6.35mm) Accu-PakTM Receptacles
Loose Part No.
1022-6
Reeled Part No.
6022-6 6037-6 6123-6
Mating Terminal Size
0.250" x 0.032" (6.35mm x 0.81mm) Tab* or Fuse 0.205" x 0.032" (5.21mm x 0.81mm) Tab* or Fuse 0.250" x 0.032" (6.35mm x 0.81mm) Tin/Brass - Tab or Fuse - (Low Insertion Force) 0.205" x 0.032" (5.21mm x 0.81mm) Tin/Brass - Tab or Fuse - (Low Insertion Force) 0.250" x 0.025" (6.35mm x 0.63mm) Tin/Non-Brass - Relays - Dual/Multiple Mating 0.205" x 0.025" (5.21mm x 0.63mm) Tin/Non-Brass - Relays - Dual/Multiple Mating
Application Data Mounting Type Material Thickness/ Type Standard FInish
Stable-LokTM Outward or Inward Splay 0.016" (0.41mm) Brass Loose: 95/5 Matt Tin/Lead over Copper Reeled: 95/5 Matt Tin/Lead over Copper
Mating Entry Top Applicator System Mounting Hole Diameter
Loose: ZPT81-A Reeled: Model 9700, 9718 0.052"0.003" (1.32mm0.076mm) on 0.200"0.003" centers (5.08mm0.076mm)
Performance Data Current Rating Resistance Rating Temperature Rating
20 Ampere* 1m Max -65C to 85C *with Brass Tab
0.150 (3.81) 0.330 (8.38) 0.110 Ref (2.79)
0.055(1.40) Dimple P/N 1022/6022-6 Only
0.051/0.056 (1.30/1.42)
0.150 (3.81) 0.200 (5.08) 0.260 (6.60) 0.090 Ref (2.29)
90
0.016(0.41) 0.090 Ref (2.29)
0.180 Ref (4.57)
For exact finish specifications and available special finishes, see Finish Table (page 91).
44
131 Radio Circle, Mount Kisco, NY 10549 800-882-8020 * 914-666-2911 * Fax: 914-666-0216 www.zierick.com
Made in U.S.A.


▲Up To Search▲   

 
Price & Availability of 1022-6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X